Part Number Hot Search : 
AQV214 SC2932 1N5253B MAX16 ISP1520 TFS150G3 VF168 TFS150G3
Product Description
Full Text Search
 

To Download MEXY2A102K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type MEXY Class X2 and Y2/X2, Polyester Film Capacitors
Metallized Box Style, Vac Rated Interference Suppression and Across-the-line Vac Applications
The Type MEXY metallized polyester class X2 and Y2/X2 film capacitors are ideal for across-the-line and line-to-ground interference suppression circuit applications. This product features the self-healing capabilities associated with metallized polyester, compact design and flame retardant construction meets UL 94V0.
Specifications
Voltage Range: 275 Vac/250 Vac, 60 Hz Dielectric Strength: Capacitance Range: 0.001 F - 2.2 F Between terminals: 575 Vac, 1768 Vdc 60 s Capacitance Tolerance: 10% Std. 20% Optl. Between terminals: 1500 Vac, 2121 Vdc 60 s Operating Temperature Range: -40 C to 100 C (0.001 to 0.0068 F) Dissipation Factor: 1.0% max. (20 C, 1kHz) Between terminals to enclosure: 2050 Vac 60 s Insulation Resistance: C0.33 F: 15000 M min. (20 C 100 Vdc 60 s) C>0.33 F: 5000 M x F min. (20 C 500 Vdc 60 s) 2000 M min. (20 C 100 Vdc 60 s)
Pulse Capability Body Length (L) Rated AC Voltage 275/250 15 mm 118 17.5 mm 25.5 mm 30.5 mm 62 33 29
S
dV/dt - volts per microsecond, maximum
Agency Approvals
Agency UL Specification # UL 1414 UL 1283 (4th Ed) CSA C22.2 No. 1-94 CSA CSA C22.2 No.8-M1986 IEC60384-14, 1993 EN132400 Agency/CDE File # E171988 E223166 218093 218095 40004840 Application Across-the-line Capacitors Antenna-coupling and Line-bypass Capacitors Electromagnetic Interference (EMI) Filters Across-the-line Capacitors Antenna-isolation and Line-by-pass Capacitors Electromagnetic Interference (EMI) Filters Class Y2/X2 Class X2
RoHS Compliant
Voltage 250 Vac 250 Vac 250 Vac 250 Vac 250 Vac 275 Vac 275 Vac Capacitance Range .001 to 1.0 F .001 to 1.0 F 1.2 to 2.2 F .001 to 1.0 F 1.2 to 2.2 F 0.001 to 0.0068 F 0.0082 to 2.2 F
VDE
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type MEXY Class X2 and Y2/X2, Polyester Film Capacitors
Ratings
Cap. (F) Catalog Part Number T .020 (0.5) (inches) (mm) H 0.020 (0.5) (inches) (mm) L .020 (0.5) (inches) (mm) S .015 (0.4) (inches) (mm) d (inches) (mm)
RoHS Compliant
275 Vac (IEC384 - 14) 250Vac (UL/CSA) 0.0010 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.010 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.100 0.120 0.150 0.180 0.220 0.270 0.330 0.390 0.470 0.560 0.680 0.820 1.000 1.200 1.500 1.800 2.200 MEXY2A102K MEXY2A122K MEXY2A152K MEXY2A182K MEXY2A222K MEXY2A272K MEXY2A332K MEXY2A392K MEXY2A472K MEXY2A562K MEXY2A682K MEXY2A822K MEXY2A103K MEXY2A123K MEXY2A153K MEXY2A183K MEXY2A223K MEXY2A273K MEXY2A333K MEXY2A393K MEXY2A473K MEXY2A563K MEXY2A683K MEXY2A823K MEXY2A104K MEXY2A124K MEXY2A154K MEXY2A184K MEXY2A224K MEXY2A274K MEXY2A334K MEXY2A394K MEXY2A474K MEXY2A564K MEXY2A684K MEXY2A824K MEXY2A105K MEXY2A125K MEXY2A155K MEXY2A185K MEXY2A225K 0.197 0.197 0.197 0.197 0.197 0.197 0.197 0.197 0.197 0.197 0.197 0.197 0.197 0.197 0.197 0.197 0.197 0.197 0.236 0.236 0.236 0.177 0.177 0.217 0.217 0.256 0.256 0.315 0.315 0.374 0.374 0.335 0.335 0.413 0.413 0.472 0.472 0.650 0.650 0.748 0.748 (5.0) (5.0) (5.0) (5.0) (5.0) (5.0) (5.0) (5.0) (5.0) (5.0) (5.0) (5.0) (5.0) (5.0) (5.0) (5.0) (5.0) (5.0) (6.0) (6.0) (6.0) (4.5) (4.5) (5.5) (5.5) (6.5) (6.5) (8.0) (8.0) (9.5) (9.5) (8.5) (8.5) (10.5) (10.5) (12.0) (12.0) (16.5) (16.5) (19.0) (19.0) 0.453 0.453 0.453 0.453 0.453 0.453 0.453 0.453 0.453 0.453 0.453 0.453 0.453 0.453 0.453 0.453 0.453 0.453 0.512 0.512 0.512 0.453 0.453 0.472 0.472 0.571 0.571 0.630 0.630 0.693 0.693 0.693 0.693 0.768 0.768 0.866 0.866 1.024 1.024 1.161 1.161 (11.5) (11.5) (11.5) (11.5) (11.5) (11.5) (11.5) (11.5) (11.5) (11.5) (11.5) (11.5) (11.5) (11.5) (11.5) (11.5) (11.5) (11.5) (13.0) (13.0) (13.0) (11.5) (11.5) (12.0) (12.0) (14.5) (14.5) (16.0) (16.0) (17.5) (17.5) (17.5) (17.5) (19.5) (19.5) (22.0) (22.0) (26.0) (26.0) (29.5) (29.5) 0.591 0.591 0.591 0.591 0.591 0.591 0.591 0.591 0.591 0.591 0.591 0.591 0.591 0.591 0.591 0.591 0.591 0.591 0.591 0.591 0.591 0.689 0.689 0.689 0.689 0.689 0.689 0.689 0.689 0.689 0.689 1.004 1.004 1.004 1.004 1.004 1.004 1.201 1.201 1.201 1.201 (15.0) (15.0) (15.0) (15.0) (15.0) (15.0) (15.0) (15.0) (15.0) (15.0) (15.0) (15.0) (15.0) (15.0) (15.0) (15.0) (15.0) (15.0) (15.0) (15.0) (15.0) (17.5) (17.5) (17.5) (17.5) (17.5) (17.5) (17.5) (17.5) (17.5) (17.5) (25.5) (25.5) (25.5) (25.5) (25.5) (25.5) (30.5) (30.5) (30.5) (30.5) 0.492 0.492 0.492 0.492 0.492 0.492 0.492 0.492 0.492 0.492 0.492 0.492 0.492 0.492 0.492 0.492 0.492 0.492 0.492 0.492 0.492 0.591 0.591 0.591 0.591 0.591 0.591 0.591 0.591 0.591 0.591 0.886 0.886 0.886 0.886 0.886 0.886 1.083 1.083 1.083 1.083 (12.5) (12.5) (12.5) (12.5) (12.5) (12.5) (12.5) (12.5) (12.5) (12.5) (12.5) (12.5) (12.5) (12.5) (12.5) (12.5) (12.5) (12.5) (12.5) (12.5) (12.5) (15.0) (15.0) (15.0) (15.0) (15.0) (15.0) (15.0) (15.0) (15.0) (15.0) (22.5) (22.5) (22.5) (22.5) (22.5) (22.5) (27.5) (27.5) (27.5) (27.5) 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 (0.60) (0.60) (0.60) (0.60) (0.60) (0.60) (0.60) (0.60) (0.60) (0.60) (0.60) (0.60) (0.60) (0.60) (0.60) (0.60) (0.60) (0.60) (0.60) (0.60) (0.60) (0.60) (0.60) (0.60) (0.60) (0.60) (0.60) (0.60) (0.60) (0.80) (0.80) (0.80) (0.80) (0.80) (0.80) (0.80) (0.80) (0.80) (0.80) (0.80) (0.80)
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com


▲Up To Search▲   

 
Price & Availability of MEXY2A102K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X